Part Number Hot Search : 
LB1263AR N7002 16008 4ADR2 27C64 ADF7242 C8248 150ML
Product Description
Full Text Search
 

To Download 0912360002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0912360002 Active
2.54mm (.100") Pitch SIM Card Holder, With Slanted Face, 6 Circuits, With Ejector, Use With 91228
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0071 (PDF) RoHS Certificate of Compliance (PDF) Series E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 91236 Push-Push Angled Face Card Holder (Host) ChipSIM, SIM N/A
Physical
Card Detection Switch Circuits (Loaded) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Flammability Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style N/A 6 Black 5,000 Left Vertical (Top Entry) 94V-0 Yes Phosphor Bronze Gold Nickel Polyester N/A None Bag 0.100 In 2.54 mm 4 0.1 50.8 1.27 1 -25C to +85C Surface Mount
Search Parts in this Series 91236Series
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1A No 50V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0071 SDA-91236
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0912360002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X